Part Number Hot Search : 
VICES A1727 LH1514 BDR2G 7702B N7555 TM128 BD48E44
Product Description
Full Text Search
 

To Download 090PULSI-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 1 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors power ultra long life snap-in fig. 1 features ? useful life: 5000 h at +105 c ? miniaturized, very small dimensions ? high ripple current capability ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, cylindrical aluminum case, insulated with a blue sleeve ? keyed polarity version available ? high reliability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose, industrial, telecom and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number ? climatic category in accordance with iec 60068 quick reference data description value nominal case sizes ? (? d x l in mm) 22 x 25 to 35 x 40 rated capacitance range (e6/e12 series), c r 560 f to 47 000 f tolerance on c r 20 % rated voltage range, u r 25 v to 100 v category temperature ra nge -40 c to +105 c endurance test at 105 c 2000 h useful life at 105 c 5000 h useful life at 40 c, ? 1.9 x i r applied 125 000 h shelf life at 0 v, 105 c 500 h based on sectional specification iec 60384-4/en130300 climatic category iec 60068 40/105/56 158 pul- s i 156 pum- s i 090 pul- s i miniaturized 85 c selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 35 40 50 63 80 100 560 - - - - - - - 22 x 25 680 - - - - - - 22 x 25 22 x 30 1000 - - - - - - 22 x 30 25 x 30 1200 - - - - - - 25 x 30 - 1500 - - - - - 22 x 25 - 25 x 40 30 x 30 1800 - - - - - - - 30 x 35 2200 - - - - 22 x 25 22 x 30 25 x 40 30 x 30 30 x 40 2700 - - - - - 25 x 30 30 x 35 - 3300 - - - 22 x 25 22 x 30 25 x 40 30 x 40 35 x 40 3900 - - - 22 x 30 25 x 30 25 x 40 30 x 30 - - 4700 - 22 x 25 22 x 30 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 35 x 40 - 5600 - - - 25 x 30 25 x 40 30 x 35 - -
090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 2 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms two terminal snap-in fig. 2 - two terminal snap-in fig. 3 - mounting hole diagram three terminal snap-in fig. 4 - three terminal snap-in fig. 5 - mounti ng hole diagram 6800 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 40 - - 8200 - 25 x 30 - - 30 x 30 30 x 35 35 x 40 - - 10 000 22 x 30 25 x 40 25 x 40 30 x 30 30 x 35 30 x 40 30 x 40 - - - 12 000 - 25 x 40 30 x 30 - - - - - - 15 000 25 x 30 30 x 35 30 x 40 30 x 40 35 x 40 - - - - 18 000 - - - 35 x 40 - - - - 22 000 25 x 40 30 x 30 35 x 40 35 x 40 - - - - - 27 000 30 x 35 - - - - - - - 33 000 30 x 40 - - - - - - - 39 000 - - - - - - - - 47 000 30 x 40 35 x 40 - - - - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 35 40 50 63 80 100 ? d l + 2 max. l bottom view 5.8 mm + 0 - 1 + terminal - terminal the minu s terminal can be marked with a black dot or with an imprinted - s ign. 10 0.1 ? 2 0.1 (2 x) l bottom view minu s pole marking ? d l + 2 max. 4 0.5 + terminal - terminal the negative terminal ha s two pin s which are both electrically connected 10 0.1 3.3 0.1 4.75 0.1 2.5 0.1 2 0.1 (2 x) the 10 mm s pacing of the 2 pin s nap-in i s u s ed a s the ba s e layout and a third hole i s added. the third hole i s clo s er to the negative primary hole s o that polarization i s alway s maintained, together with added mechanical s tability. ? ?
090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 3 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 notes ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % (1) esr at 120 hz is approximately 0.95 x esr 100 hz ordering example electrolytic capacitor 090 series 3300 f/80 v; 20 % nominal case size: ? 30 mm x 40 mm 2-terminal snap-in: ordering code: mal209032332e3 ? former 12nc: 2222 09032332 3-terminal snap-in: ordering code: mal209072332e3 ? former 12nc: 2222 09072332 table 2 dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. l max. mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h (mm) 22 x 25 23 27 12 100 260 x 250 x 39 22 x 30 23 32 16 100 260 x 250 x 44 25 x 30 26 32 22 100 290 x 280 x 44 25 x 40 26 42 27 100 290 x 280 x 54 30 x 30 31 32 30 100 340 x 330 x 44 30 x 35 31 37 35 100 340 x 330 x 49 30 x 40 31 42 40 100 340 x 330 x 54 35 x 40 36 42 55 50 390 x 198 x 54 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 100 hz or 10 khz, 105 c i l5 max. leakage current after 5 minutes at u r esr max. equivalent series resistance at 100 hz (1) z max. impedance at 10 khz electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i r 10 khz 105 c (a) i l5 5 min (a) max. esr 100 hz (1) (m ? ) max. z 10 khz (m ? ) ordering code mal2090....... 2-term. si 3-term. si 16 6800 22 x 25 2.8 3.3 222 82 66 15682e3 55682e3 10 000 22 x 30 3.4 4.0 324 59 48 15103e3 55103e3 15 000 25 x 30 3.6 4.3 484 53 44 25153e3 65153e3 22 000 25 x 40 4.5 5.5 708 38 33 25223e3 65223e3 22 000 30 x 30 3.7 4.5 708 54 43 35223e3 75223e3 27 000 30 x 35 4.2 5.1 868 45 36 35273e3 75273e3 33 000 30 x 40 4.7 5.6 1060 39 32 35333e3 75333e3 47 000 35 x 40 4.8 5.8 1508 43 32 45473e3 85473e3 25 4700 22 x 25 2.6 3.1 236 89 66 16472e3 56472e3 6800 22 x 30 3.2 3.8 341 65 49 16682e3 56682e3 8200 25 x 30 3.4 4.1 411 60 46 26822e3 66822e3 10 000 25 x 40 4.3 5.1 501 46 35 26103e3 66103e3 12 000 25 x 40 4.3 5.2 601 43 34 26123e3 66123e3 12 000 30 x 30 3.7 4.5 601 56 44 36123e3 76123e3 15 000 30 x 35 4.2 5.1 751 46 36 16153e3 56153e3 15 000 30 x 40 4.8 5.7 751 40 33 36153e3 76153e3 22 000 35 x 40 5.1 6.1 1101 40 31 46223e3 86223e3 35 4700 22 x 30 2.8 3.4 330 78 53 10472e3 50472e3 6800 25 x 30 3.0 3.6 477 70 50 20682e3 60682e3 10 000 25 x 40 3.9 4.7 701 49 36 20103e3 60103e3 10 000 30 x 30 3.2 3.9 701 70 49 30103e3 70103e3 15 000 30 x 40 4.1 4.9 1051 49 35 30153e3 70153e3 22 000 35 x 40 4.2 5.0 1541 55 35 40223e3 80223e3
090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 4 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 40 3300 22 x 25 2.4 2.9 265 99 70 17332e3 57332e3 3900 22 x 30 2.9 3.4 313 76 54 17392e3 57392e3 4700 22 x 30 2.9 3.5 377 71 51 17472e3 57472e3 5600 25 x 30 3.1 3.7 449 69 50 27562e3 67562e3 6800 25 x 40 3.9 4.7 545 51 38 27682e3 67682e3 8200 30 x 30 3.3 3.9 657 69 49 37822e3 77822e3 10 000 30 x 35 3.8 4.5 801 56 41 17103e3 57103e3 10 000 30 x 40 4.3 5.1 801 48 36 37103e3 77103e3 15 000 35 x 40 4.5 5.4 1201 50 35 47153e3 87153e3 18 000 35 x 40 4.3 5.1 1441 54 35 47183e3 87183e3 50 2200 22 x 25 2.1 2.6 221 145 106 11222e3 51222e3 3300 22 x 30 2.6 3.2 331 101 76 11332e3 51332e3 3900 25 x 30 2.8 3.4 391 93 71 21392e3 61392e3 4700 25 x 30 2.9 3.5 471 85 70 31472e3 71472e3 4700 25 x 40 3.6 4.3 471 71 55 21472e3 61472e3 5600 25 x 40 3.6 4.4 561 66 51 21562e3 61562e3 6800 30 x 30 3.1 3.7 681 83 65 31682e3 71682e3 8200 30 x 35 3.5 4.2 821 68 54 31822e3 71822e3 10 000 30 x 40 4.0 4.7 1001 58 46 31103e3 71103e3 15 000 35 x 40 4.0 4.9 1501 63 45 41153e3 81153e3 63 1500 22 x 25 2.1 2.5 190 161 126 18152e3 58152e3 2200 22 x 30 2.6 3.1 279 114 90 18222e3 58222e3 2700 25 x 30 2.8 3.4 342 101 81 28272e3 68272e3 3300 25 x 40 3.5 4.2 417 79 63 28332e3 68332e3 3900 25 x 40 3.6 4.3 493 71 58 28392e3 68392e3 3900 30 x 30 3.1 3.8 493 89 74 38392e3 78392e3 4700 30 x 30 3.1 3.7 594 88 71 18472e3 58472e3 4700 30 x 35 3.6 4.3 594 74 61 38472e3 78472e3 5600 30 x 35 3.5 4.2 707 71 59 38562e3 78562e3 6800 30 x 40 4.0 4.7 858 61 51 38682e3 78682e3 8200 35 x 40 4.3 5.1 1035 61 50 48822e3 88822e3 80 820 22 x 25 1.5 1.8 133 244 184 12821e3 52821e3 1000 22 x 30 1.8 2.1 161 196 146 12102e3 52102e3 1500 25 x 30 2.1 2.6 241 145 113 22152e3 62152e3 2200 25 x 40 2.8 3.3 353 101 79 22222e3 62222e3 2200 30 x 30 2.5 3.0 353 119 96 32222e3 72222e3 2700 30 x 35 2.8 3.4 433 98 79 32272e3 72272e3 3300 30 x 40 3.2 3.8 529 81 66 32332e3 72332e3 4700 35 x 40 3.4 4.1 753 75 63 42472e3 82472e3 100 560 22 x 25 1.4 1.6 113 269 184 19561e3 59561e3 680 22 x 30 1.6 1.9 137 216 146 19681e3 59681e3 1000 25 x 30 1.9 2.3 201 163 114 29102e3 69102e3 1500 25 x 40 2.5 3.1 301 111 79 29152e3 69152e3 1500 30 x 30 2.3 2.7 301 130 98 39152e3 79152e3 1800 30 x 35 2.6 3.2 361 108 80 39182e3 79182e3 2200 30 x 40 3.0 3.6 441 90 68 39222e3 79222e3 3300 35 x 40 3.2 3.8 661 81 64 49332e3 89332e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i r 10 khz 105 c (a) i l5 5 min (a) max. esr 100 hz (1) (m ? ) max. z 10 khz (m ? ) ordering code mal2090....... 2-term. si 3-term. si
090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 5 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 6 - multiplier of useful life as a function of ambient temperature and ripple current load additional electrical data parameter conditions value voltage surge voltage u s = 1.15 x u r reverse voltage u rev ?? 1 v current leakage current after 1 min at u r i l1 ? 0.006 c r x u r + 4 a after 5 min at u r il 5 ? 0.002 c r x u r + 4 a inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh 1.3 1.2 1.1 1.0 0.8 0.5 0.0 40 50 60 70 80 90 i a r i 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 (1) 2.4 2.5 2.6 2.7 100 110 2 7 life multiplier 1 1.2 1.5 2.5 3 4 5 10 15 20 30 40 60 100 150 200 300 400 600 mga 454 t amb (c) i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz and 105 c (1) u s eful life at 105 c and i r applied: 5000 h
090 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 6 document number: 28387 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 3 table 4 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 25 v to 100 v 50 0.91 100 1.00 200 1.05 400 1.09 1000 1.13 2000 1.15 4000 1.18 ? 10 000 1.22 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ ? en130300 ? subclause 4.13 t amb = 105 c; u r applied; ? 2000 h ? c/c: 15 % esr ? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 105 c; u r and i r applied; ? 5000 h ? c/c: 20 % esr ?? 3 x spec. limit z ? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage total failure percentage: ? u r : ??? 1 % shelf life ? (storage at ? high temperature) iec 60384-4/ ? en130300 ? subclause 4.17 t amb = 105 c; no voltage applied; ? 500 h after test: u r to be applie d for 30 min, ? 24 h to 48 h befo re measurement ? c/c: 15 % esr ?? 1.5 x spec. limit i l5 ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 090PULSI-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X